PART |
Description |
Maker |
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2SA1701 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
DC337-16-25-40 BC327-16 BC328-16 ON0144 BC328-25 |
Amplifier Transistors(PNP Silicon) From old datasheet system PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) CASE 29-04, STYLE 17 TO-2 (TO-26AA)
|
ON Semiconductor Siemens Semiconductor Group
|
2N3906 2N3905 ON0043 2N3905-D |
General Purpose Transistors PNP Silicon Motorola Preferred Device From old datasheet system General Purpose Transistors(PNP Silicon)
|
ONSEMI[ON Semiconductor]
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
2SA2022 2SC5610 |
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML From old datasheet system
|
Sanyo Semiconductor Corp SANYO[Sanyo Semicon Device]
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
CPH3112 |
PNP Silicon Epitaxial Planar Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
CPH3115 CPH3215 |
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
SANYO[Sanyo Semicon Device]
|
CPH3109 CPH3209 |
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
SANYO[Sanyo Semicon Device]
|